Part Number Hot Search : 
V120MA2S MAX6342 LC107M XC6505 PP100 BUT56 C9404CAH HV857
Product Description
Full Text Search
 

To Download AD795JN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Low Power Replacement for Burr-Brown OPA-111, OPA-121 Op Amps Low Noise 2.5 V p-p max, 0.1 Hz to 10 Hz 11 nV/Hz max at 10 kHz 0.6 fA/Hz at 1 kHz High DC Accuracy 250 V max Offset Voltage 3 V/ C max Drift 1 pA max Input Bias Current Low Power: 1.5 mA max Supply Current Available in Low Cost Plastic Mini-DIP and Surface Mount (SOIC) Packages APPLICATIONS Low Noise Photodiode Preamps CT Scanners Precision l-to-V Converters PRODUCT DESCRIPTION
30
Low Power, Low Noise Precision FET Op Amp AD795
CONNECTION DIAGRAMS 8-Pin Plastic Mini-DIP (N) Package
OUTPUT VOLTAGE SWING - Volts p-p
Vs = 15V 25
20
15
10
5
0 10 100 1k LOAD RESISTANCE - 10k
8-Pin SOIC (R) Package
NC 1 -IN 2 +IN 3 -V S 4 8 NC 7 +VS 6 OUTPUT 5 NC
AD795
NC = NO CONNECT
The AD795 is a low noise, precision, FET input operational amplifier. It offers both the low voltage noise and low offset drift of a bipolar input op amp and the very low bias current of a FET-input device. The 1014 common-mode impedance insures that input bias current is essentially independent of common-mode voltage and supply voltage variations. The AD795 has both excellent dc performance and a guaranteed and tested maximum input voltage noise. It features 1 pA maximum input bias current and 250 V maximum offset voltage, along with low supply current of 1.5 mA max.
VOLTAGE NOISE SPECTRAL DENSITY - nV/Hz
Furthermore, the AD795 features a guaranteed low input noise of 2.5 V p-p (0.1 Hz to 10 Hz) and a 11 nV/Hz max noise level at 10 kHz. The AD795 has a fully specified and tested input offset voltage drift of only 3 V/C max. The AD795 is useful for many high input impedance, low noise applications. The AD795J and AD795K are rated over the commercial temperature range of 0C to +70C. The AD795 is available in 8-pin plastic mini-DIP and 8-pin surface mount (SOIC) packages.
1k
50 SAMPLE SIZE = 570 40
PERCENTAGE OF UNITS
100
30
20
10
10
1 10 100 1k FREQUENCY - Hz 10k
0 -5 -4 -3 -2 -1 0 1 2 3 4 5 INPUT OFFSET VOLTAGE DRIFT - V/C
AD795 Voltage Noise Spectral Density
Typical Distribution of Average Input Offset Voltage Drift
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 Fax: 617/326-8703
AD795-SPECIFICATIONS (@ +25 C and
Parameter INPUT OFFSET VOLTAGE 1 Initial Offset Offset vs. Temperature vs. Supply (PSRR) vs. Supply (PSRR) INPUT BIAS CURRENT 2 Either Input Either Input @ TMAX = Either Input Offset Current Offset Current @ TMAX = OPEN-LOOP GAIN Conditions Min
15 V dc unless otherwise noted)
AD795JN/JR Typ 100 300 3 110 100 1 23 1 0.1 2 Max 500 1000 10 90 87 2/3 Min AD795K Typ 50 100 1 110 100 1 23 1 0.1 2 110 100 3.3 50 40 17 11 120 108 1.0 20 12 11 9 13 0.6 1.6 16 1 10 11 2 2.5 40 30 15 11 Max 250 400 3 Units V V V/C dB dB pA pA pA pA pA dB dB V p-p nV/Hz nV/Hz nV/Hz nV/Hz fA p-p fA/Hz MHz kHz V/s s s s
TMIN-TMAX 86 84
TMIN-TMAX VCM = 0 V VCM = 0 V VCM = +10 V VCM = 0 V VCM = 0 V VO = 10 V RLOAD 10 k RLOAD 10 k 0.1 Hz to 10 Hz f = 10 Hz f = 100 Hz f = 1 kHz f = 10 kHz f = 0.1 Hz to 10 Hz f = 1 kHz G = -1 VO = 20 V p-p RLOAD = 2 k VOUT = 20 V p-p RLOAD = 2 k 10 V Step 10 V Step 50% Overdrive f = 1 kHz R1 10 k VO = 3 V rms VDIFF = 1 V
1
1.0
0.6
110 100
120 108 1.0 20 12 11 9 13 0.6 1.6 16 1 10 11 2
INPUT VOLTAGE NOISE
INPUT CURRENT NOISE FREQUENCY RESPONSE Unity Gain, Small Signal Full Power Response Slow Rate, Unity Gain SETTLING TIME To 0.1% To 0.01% Overload Recovery4 Total Harmonic Distortion INPUT IMPEDANCE Differential Common Mode INPUT VOLTAGE RANGE Differential5 Common-Mode Voltage Over Max Operating Temperature Common-Mode Rejection Ratio OUTPUT CHARACTERISTICS Voltage Current POWER SUPPLY Rated Performance Operating Range Quiescent Current
3
-108 1012 2 1014 2.2 20 11 110 100 VS -2.5 10 15 15 1.3
-108 1012 2 1014 2.2 20 11 110 100 VS -2.5 10 15 15 1.3
dB pF pF V V V dB dB V V mA mA V V mA
VCM = 10 V TMIN-TMAX RLOAD 2 k TMIN-TMAX VOUT = 10 V Short Circuit
10 10 90 86 VS -4 VS -4 5
10 10 94 90 VS -4 VS -4 5
4
18 1.5
4
18 1.5
-2-
REV. A
AD795
NOTES 1 Input offset voltage specifications are guaranteed after 5 minutes of operation at T A = +25C. 2 Bias current specifications are guaranteed maximum at either input after 5 minutes of operation at T A = +25C. For higher temperature, the current doubles every 10C. 3 Gain = -1, R1 = 10 k. 4 Defined as the time required for the amplifier's output to return to normal operation after removal of a 50% overload from the amplifier input. 5 Defined as the maximum continuous voltage between the inputs such that neither input exceeds 10 V from ground. All min and max specifications are guaranteed. Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS 1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V Internal Power Dissipation2 (@ TA = +25C) SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 mW 8-Pin Mini-DIP Package . . . . . . . . . . . . . . . . . . . . 750 mW Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VS Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite Differential Input Voltage . . . . . . . . . . . . . . . . . . +VS and -VS Storage Temperature Range (N, R) . . . . . . . -65C to +125C Operating Temperature Range AD795J/K . . . . . . . . . . . . . . . . . . . . . . . . . . . 0C to +70C
NOTES 1 Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 8-Pin Plastic Mini-DIP Package: JA = 100C/Watt 8-Pin Small Outline Package: JA = 155C/Watt
ESD SUSCEPTIBILITY
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 volts, which readily accumulate on the human body and on test equipment, can discharge without detection. Although the AD795 features proprietary ESD protection circuitry, permanent damage may still occur on these devices if they are subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid any performance degradation or loss of functionality.
ORDERING GUIDE
Model AD795JN AD795KN AD795JR
Temperature Range 0C to +70C 0C to +70C 0C to +70C
Package Option* N-8 N-8 R-8
*N = Plastic mini-DIP; R = SOIC package.
REV. A
-3-
AD795-Typical Characteristics
20
INPUT COMMON MODE RANGE - Volts
RL = 10k 15 +VIN
OUTPUT VOLTAGE RANGE - Volts
20 RL = 10k 15
+VOUT
10 -VIN
10
-VOUT 5
5
0 0 5 10 SUPPLY VOLTAGE - Volts 15 20
0 0 5 15 10 SUPPLY VOLTAGE - Volts 20
Figure 1. Common-Mode Voltage Range vs. Supply
Figure 2. Output Voltage Range vs. Supply Voltage
30
1.0
OUTPUT VOLTAGE SWING - Volts p-p
Vs = 15V 25
INPUT BIAS CURRENT - pA
0.95 0.90 0.85 0.80 0.75 0.70 0.65 0.60
20
15
10
5
0 10 100 1k LOAD RESISTANCE - 10k
0
5
10 SUPPLY VOLTAGE - Volts
15
20
Figure 3. Output Voltage Swing vs. Load Resistance
Figure 4. Input Bias Current vs. Supply
50 SAMPLE SIZE = 1058 40
PERCENTAGE OF UNITS
10 -9
INPUT BIAS CURRENT - Amps
10 -10
30
10 -11
20
10 -12
10
10 -13
0 0 .5 1 1.5 2 INPUT BIAS CURRENT - pA
10 -14 -60 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE - C
Figure 5. Typical Distribution of Input Bias Current
Figure 6. Input Bias Current vs. Temperature
-4-
REV. A
AD795
1.00
10-4
INPUT BIAS CURRENT - Amperes
0.95
10-5 10-6 10-7 10-8 10-9 10-10 10-11 10-12 10-13 10-14 -6
-IIN
+IIN
INPUT BIAS CURRENT - pA
0.90 0.85 0.80 0.75 0.70 0.65 0.60 -15 -10 -5 0 +5 +10 +15 COMMON MODE VOLTAGE - Volts
-5
4 -1 1 2 3 -4 -3 -2 0 DIFFERENTIAL INPUT VOLTAGE - Volts
5
6
Figure 7. Input Bias Current vs. Common-Mode Voltage
Figure 8. Input Bias Current vs. Differential Input Voltage
15 f = 1kHz
VOLTAGE NOISE - nV/Hz
100
1k Noise Bandwidth: 0.1 to 10Hz
VOLTAGE NOISE
VOLTAGE NOISE - V p-p
12.5
10
CURRENT NOISE - fA/Hz
100
10
1.0
CURRENT NOISE 7.5 0.1
10
5 -60 -40 -20 0 20 40 60 80 100 120 TEMPERATURE - C
0.01 140
1.0 10 3 10 4 10 5 106 10 7 SOURCE RESISTANCE - 10 8 10 9
Figure 9. Voltage and Current Noise Spectral Density vs. Temperature
Figure 10. Input Voltage Noise vs. Source Resistance
50 SAMPLE SIZE = 344 40 PERCENTAGE OF UNITS f = 0.1 TO 10Hz
VOLTAGE NOISE (REFERRED TO INPUT) - nV/Hz
1k
100
30
20
10
10
1.0 1 10 100 1k 10k 100k 1M 10M FREQUENCY - Hz
0 0 1 2 0.1 TO 10Hz INPUT VOLTAGE NOISE p-p - V 3
Figure 11. Typical Distribution of Input Voltage Noise
Figure 12. Input Voltage Noise Spectral Density
REV. A
-5-
AD795-Typical Characteristics
30
10 8
SHORT CIRCUIT CURRENT - mA
OUTPUT SWING FROM 0 TO V
25 - OUTPUT CURRENT 20
6 0.1% 4 2 0 -2 -4 0.1% -6 -8 0.01% ERROR 0.01%
15 + OUTPUT CURRENT
10
5 -60
-10
-40 -20 0 20 40 60 80 100 120 140
3
4
5
6
7
8
9
10
11
TEMPERATURE - C
SETTING TIME - s
Figure 13. Short Circuit Current Limit vs. Temperature
Figure 14. Output Swing and Error vs. Settling Time
1000 ABSOLUTE INPUT ERROR VOLTAGE - V 900 800 700 600 500 400 300 200 100 0 -15
120
POWER SUPPLY REJECTION - dB
100 +PSRR -PSRR 80
60
40
20
0
-5 0 5 10 -10 INPUT COMMON MODE VOLTAGE - Volts
15
1
10
100
1k 10k 100k FREQUENCY - Hz
1M
10M
Figure 15. Absolute Input Error Voltage vs. Input Common-Mode Voltage
Figure 16. Power Supply Rejection vs. Frequency
120
120
120
COMMON MODE REJECTION - dB
100
100
PHASE
100 80
80
80
60 40 20 GAIN
60 40 20 0
60
40
20
0
0 1 10 100 1k 10k 100k FREQUENCY - Hz 1M 10M
-20 10 100 1k 10k 100k 1M FREQUENCY - Hz
-20 10M
Figure 17. Common-Mode Rejection vs. Frequency
Figure 18. Open-Loop Gain & Phase Margin vs. Frequency
-6-
REV. A
PHASE MARGIN - Degrees
OPEN-LOOP GAIN - dB
AD795
30 RL = 10k 25 1000 CLOSED-LOOP OUTPUT IMPEDANCE - 1M
OUTPUT VOLTAGE - Volts p-p
100
20
15
10
10
1.0
5
0
1k
10k
100k FREQUENCY - Hz
0.1 1k 10k 100k FREQUENCY - Hz 1M 10M
Figure 19. Large Signal Frequency Response
Figure 20. Closed-Loop Output Impedance vs. Frequency
2.0
-60 VIN = 3Vrms RL = 10k
-70
QUIESCENT SUPPLY CURRENT - mA
1.5
-80
THD - dB
1.0
-90
-100
0.5
-110
0
-120 100 1k 10k FREQUENCY - Hz 100k
0
5
10 15 SUPPLY VOLTAGE Volts
20
Figure 21. Total Harmonic Distortion vs. Frequency
Figure 22. Quiescent Supply Current vs. Supply Voltage Drift
50 SAMPLE SIZE = 1419 40
PERCENTAGE OF UNITS
30
20
10
0 -500 -400 -300 -200 -100
0
100
200
300
400
500
INPUT OFFSET VOLTAGE - V
Figure 23. Typical Distribution of Input Offset Voltage
REV. A
-7-
AD795
10k +VS 0.1F
100
20V
5s
100 90
10mV
500ns
10k VIN 2
7
90
AD795
3 4
6
VOUT CL 100pF
10 0%
10 0%
RL 0.1F 10k
-VS
5V
Figure 24. Unity Gain Inverter
Figure 25. Unity Gain Inverter Large Signal Pulse Response
Figure 26. Unity Gain Inverter Small Signal Pulse Response
+V S 0.1F
20V
100
5s
100 90
20mV
500n s
2 VIN 3 4
7
90
AD795
6
VOUT CL 100pF
10 0%
RL 0.1F 10k
10 0%
-V S
5V
Figure 27. Unity Gain Follower
Figure 28. Unity Gain Follower Large Signal Pulse Response
Figure 29. Unity Gain Follower Small Signal Pulse Response
MINIMIZING INPUT CURRENT
The AD795 is guaranteed to 1 pA max input current with 15 volt supply voltage at room temperature. Careful attention to how the amplifier is used will maintain or possibly better this performance. The amplifier's operating temperature should be kept as low as possible. Like other JFET input amplifier's, the AD795's input
current will double for every 10C rise in junction temperature (illustrated in Figure 6). On-chip power dissipation will raise the device operating temperature, causing an increase in input current. Reducing supply voltage to cut power dissipation will reduce the AD795's input current (Figure 4). Heavy output loads can also increase chip temperature, maintaining a minimum load resistance of 10 k is recommended.
-8-
REV. A
AD795
CIRCUIT BOARD NOTES
The AD795 is designed for throughhole mounting on PC boards, using either mini-DIP or surface mount (SOIC). Maintaining picoampere resolution in those environments requires a lot of care. Both the board and the amplifier's package have finite resistance. Voltage differences between the input pins and other pins as well as PC board metal traces will cause parasitic currents (Figure 30) larger than the AD795's input current unless special precautions are taken. Two methods of minimizing parasitic leakages are guarding of the input lines and maintaining adequate insulation resistance. Figures 31 and 32 show the recommended guarding schemes for follower and inverted topologies. Note that for the mini-DIP, the guard trace should be on both sides of the board. On the SOIC, Pin 1 is not connected, and can be safely connected to the guard. The high impedance input trace should be guarded on both edges for its entire length.
CF RF VE 2 IS 3
AD795
6
+
VOUT -
IP RP CP IP = VS
VS RP
+
dCP dT
VS+
dV S dT
CP
Figure 30. Sources of Parasitic Leakage Currents
GUARD TRACES PARALLEL TO BOTH EDGES OF INPUT TRACE 1 INPUT TRACE TO ANALOG COMMON -V S 2 3 4 8 7 GUARD 2 IS RF
CF
AD795
TOP VIEW ("N" PACKAGE)
6 5
AD795
3
6
+
VOUT -
8 BOTTOM 1 VIEW 2 7 ("N" PACKAGE) 6 3 5 4
1 2 3 4 TOP VIEW ("R" PACKAGE)
8 7 6 5 NOTE: ON THE "R" PACKAGE PINS 1, 5 AND 8 ARE OPEN AND CAN BE CONNECTED TO ANALOG COMMON OR TO THE DRIVEN GUARD TO REDUCE LEAKAGE.
Figure 31. Guarding Scheme-lnverter
GUARD TRACES 1 2 INPUT TRACE -VS 3 4 8 7 - 6 5
GUARD 3
AD795
TOP VIEW
+
VS 2
AD795
6 RF
+
VOUT
CONNECT TO JUNCTION OF R F AND R I, OR TO PIN 6 FOR UNITY GAIN.
RI -
Figure 32. Guard Scheme-Follower
REV. A
-9-
AD795
Leakage through the bulk of the circuit board will still occur with the guarding schemes shown in Figures 31 and 32. Standard "G10" type printed circuit board material may not have high enough volume resistivity to hold leakages at the subpicoampere level particularly under high humidity conditions. One option that eliminates all effects of board resistance is shown in Figure 33. The AD795's sensitive input pin (either Pin 2 when connected as an inverter, or Pin 3 when connected as a follower) is bent up and soldered directly to a Teflon* insulated standoff. Both the signal input and feedback component leads must also be insulated from the circuit board by Teflon standoffs or low-leakage shielded cable.
INPUT PIN: PIN 2 FOR INVERTER OR PIN 3 FOR FOLLOWER 1 2 3 4 8 INPUT SIGNAL LEAD
Both proper shielding and rigid mechanical mounting of components help minimize error currents from both of these sources.
OFFSET NULLING
The AD795's input offset voltage can be nulled (mini-DIP package only) by using balance Pins 1 and 5, as shown in Figure 34. Nulling the input offset voltage in this fashion will introduce an added input offset voltage drift component of 2.4 V/C per millivolt of nulled offset.
+VS
7 2
VOUT
AD795
6 5
+ -
AD795
7 6 5 PC BOARD
AD795
3 4
1
100k
-V S
TEFLON INSULATED STANDOFF
Figure 33. Input Pin to Insulating Standoff
Figure 34. Standard Offset Null Circuit
Contaminants such as solder flux on the board's surface and on the amplifier's package can greatly reduce the insulation resistance between the input pin and those traces with supply or signal voltages. Both the package and the board must be kept clean and dry. An effective cleaning procedure is to first swab the surface with high grade isopropyl alcohol, then rinse it with deionized water and, finally, bake it at 100C for 1 hour. Polypropylene and polystyrene capacitors should not be subjected to the 100C bake as they will be damaged at temperatures greater than 80C. Other guidelines include making the circuit layout as compact as possible and reducing the length of input lines. Keeping circuit board components rigid and minimizing vibration will reduce triboelectric and piezoelectric effects. All precision high impedance circuitry requires shielding from electrical noise and interference. For example, a ground plane should be used under all high value (i.e., greater than 1 M) feedback resistors. In some cases, a shield placed over the resistors, or even the entire amplifier, may be needed to minimize electrical interference originating from other circuits. Referring to the equation in Figure 30, this coupling can take place in either, or both, of two different forms--coupling via time varying fields: dV C dT P or by injection of parasitic currents by changes in capacitance due to mechanical vibration: dCp V dT
*Teflon is a registered trademark of E.I. du Pont Co.
The circuit in Figure 35 can be used when the amplifier is used as an inverter. This method introduces a small voltage in series with the amplifier's positive input terminal. The amplifier's input offset voltage drift with temperature is not affected. However, variation of the power supply voltages will cause offset shifts.
RF RI 2
+
VI - 3
AD795
6
VOUT +V S
+
-
499k
499k 100k
200
0.1F -VS
Figure 35. Alternate Offset Null Circuit for Inverter
-10-
REV. A
AD795
AC RESPONSE WITH HIGH VALUE SOURCE AND FEEDBACK RESISTANCE
10mV
100 90
5s
Source and feedback resistances greater than 100 k will magnify the effect of input capacitances (stray and inherent to the AD795) on the ac behavior of the circuit. The effects of common-mode and differential input capacitances should be taken into account since the circuit's bandwidth and stability can be adversely affected. In a follower, the source resistance, RS, and input commonmode capacitance, CS (including capacitance due to board and capacitance inherent to the AD795), form a pole that limits circuit bandwidth to 1/2 RSCS. Figure 36 shows the follower pulse response from a 1 M source resistance with the amplifier's input pin isolated from the board, only the effect of the AD795's input common-mode capacitance is seen.
10mV
100 90
10 0%
Figure 38. Inverter Pulse Response with 1 M Source and Feedback Resistance, 1 pF Feedback Capacitance
OVERLOAD ISSUES
5s
Driving the amplifier output beyond its linear region causes some sticking; recovery to normal operation is within 2 s of the input voltage returning within the linear range. If either input is driven below the negative supply, the amplifier's output will be driven high, causing a phenomenon called phase reversal. Normal operation is resumed within 30 s of the input voltage returning within the linear range.
10 0%
Figure 36. Follower Pulse Response from 1 M Source Resistance
Figure 39 shows the AD795's input currents versus differential input voltage. Picoamp level input current is maintained for differential voltages up to several hundred millivolts. This behavior is only important if the AD795 is in an open-loop application where substantial differential voltages are produced.
10-4 10-5 INPUT BIAS CURRENT - Amperes 10-6 10-7 10-8 10-9 10-10 10-11 10-12 10-13 10-14 -6 -5 -4 -3 -2 -1 0 1 2 3 4 5 6
In an inverting configuration, the differential input capacitance forms a pole in the circuit's loop transmission. This can create peaking in the ac response and possible instability. A feedback capacitance can be used to stabilize the circuit. The inverter pulse response with RF and RS equal to 1 M, and the input pin isolated from the board appears in Figure 37. Figure 38 shows the response of the same circuit with a 1 pF feedback capacitance. Typical differential input capacitance for the AD795 is 2 pF.
10mV
100 90
-IN
+IN
5s
DIFFERENTIAL INPUT VOLTAGE - Volts
Figure 39. Input Bias Current vs. Differential Input Voltage
10 0%
Figure 37. Inverter Pulse Response with 1 M Source and Feedback Resistance
REV. A
-11-
AD795
INPUT PROTECTION
The AD795 safely handles any input voltage within the supply voltage range. Some applications may subject the input terminals to voltages beyond the supply voltages--in these cases, the following guidelines should be used to maintain the AD795's functionality and performance. If the inputs are driven more than a 0.5 V below the minus supply, milliamp level currents can be produced through the input terminals. That current should be limited to 10 mA for "transient" overloads (less than 1 second) and 1 mA for continuous overloads, this can be accomplished with a protection resistor in the input terminal (as shown in Figures 40 and 41). The protection resistor's Johnson noise will add to the amplifier's input voltage noise and impact the frequency response. Driving the input terminals above the positive supply will cause the input current to increase and limit at 40 A. This condition is maintained until 15 volts above the positive supply--any input voltage within this range does not harm the amplifier. Input voltage above this range causes destructive breakdown and should be avoided.
RF
RP SOURCE 3
AD795
2
6
Figure 41. Follower with Input Current Limit
Figure 42 is a schematic of the AD795 as an inverter with an input voltage clamp. Bootstrapping the clamp diodes at the inverting input minimizes the voltage across the clamps and keeps the leakage due to the diodes low. Low leakage diodes (less than 1 pA), such as the FD333s should be used, and should be shielded from light to keep photocurrents from being generated. Even with these precautions, the diodes will measurably increase the input current and capacitance. In order to achieve the low input bias currents of the AD795, it is not possible to use the same on-chip protection as used in other Analog Devices op amps. This makes the AD795 sensitive to handling and precautions should be taken to minimize ESD exposure whenever possible.
RF
RP SOURCE 2
CF
SOURCE 2
AD795
3
6
3 PROTECT DIODES (LOW LEAKAGE)
AD795
6
Figure 40. Inverter with Input Current Limit
Figure 42. Input Voltage Clamp with Diodes
-12-
REV. A
AD795
10pF 10 9
will typically drop by a factor of two for every 10C rise in temperature. In the AD795, both the offset voltage and drift are low, this helps minimize these errors.
Minimizing Noise Contributions
GUARD
2
OUTPUT
AD795
PHOTODIODE
3 8
6
FILTERED OUTPUT
The noise level limits the resolution obtainable from any preamplifier. The total output voltage noise divided by the feedback resistance of the op amp defines the minimum detectable signal current. The minimum detectable current divided by the photodiode sensitivity is the minimum detectable light power. Sources of noise in a typical preamp are shown in Figure 45. The total noise contribution is defined as:
OPTIONAL 26Hz FILTER
V OUT = (in 2 + if 2 + is2 )
Rf Rf 1+ s (Cd ) Rd 2 2 + (en 2 )1+ Rd 1+ s (Cf ) Rf 1+ s (Cf ) Rf
Figure 43. The AD795 Used as a Photodiode Preamplifier
Preamplifier Applications
Cf 10pF Rf 109
The low input current and offset voltage levels of the AD795 together with its low voltage noise make this amplifier an excellent choice for preamplifiers used in sensitive photodiode applications. In a typical preamp circuit, shown in Figure 43, the output of the amplifier is equal to: VOUT = ID (Rf) = Rp (P) Rf where: ID = photodiode signal current (Amps) Rp = photodiode sensitivity (Amp/Watt) Rf = the value of the feedback resistor, in ohms. P = light power incident to photodiode surface, in watts.
iS
PHOTODIODE en if
Rd
iS
Cd 50pF
in OUTPUT
Figure 45. Noise Contributions of Various Sources
An equivalent model for a photodiode and its dc error sources is shown in Figure 44. The amplifier's input current, IB, will contribute an output voltage error which will be proportional to the value of the feedback resistor. The offset voltage error, VOS, will cause a "dark" current error due to the photodiode's finite shunt resistance, Rd. The resulting output voltage error, VE, is equal to: VE = (1 + Rf/Rd) VOS + Rf IB A shunt resistance on the order of 109 ohms is typical for a small photodiode. Resistance Rd is a junction resistance which
Cf 10pF
Figure 46, a spectral density versus frequency plot of each source's noise contribution, shows that the bandwidth of the amplifier's input voltage noise contribution is much greater than its signal bandwidth. In addition, capacitance at the summing junction results in a "peaking" of noise gain in this configuration. This effect can be substantial when large photodiodes with large shunt capacitances are used. Capacitor Cf sets the signal bandwidth and also limits the peak in the noise gain. Each source's rms or root-sum-square contribution to noise is obtained by integrating the sum of the squares of all the noise sources and then by obtaining the square root of this sum. Minimizing the total area under these curves will optimize the preamplifier's overall noise performance. An output filter with a passband close to that of the signal can greatly improve the preamplifier's signal to noise ratio. The photodiode preamplifier shown in Figure 45--without a bandpass filter--has a total output noise of 50 V rms. Using a 26 Hz single pole output filter, the total output noise drops to 23 V rms, a factor of 2 improvement with no loss in signal bandwidth.
Rf 109 PHOTODIODE VOS
Rd
ID
Cd 50pF
IB
OUTPUT
Figure 44. A Photodiode Model Showing DC Error Sources
REV. A
-13-
AD795
10V
OUTPUT VOLTAGE NOISE - Volts/Hz
is & i f SIGNAL BANDWIDTH
voltage contributions are also amplified by the "T" network gain. A low noise, low offset voltage amplifier, such as the AD795, is needed for this type of application.
A pH Probe Buffer Amplifier
1V in WITH FILTER NO FILTER
100nV en en
A typical pH probe requires a buffer amplifier to isolate its 106 to 109 source resistance from external circuitry. Just such an amplifier is shown in Figure 48. The low input current of the AD795 allows the voltage error produced by the bias current and electrode resistance to be minimal. The use of guarding, shielding, high insulation resistance standoffs, and other such standard methods used to minimize leakage are all needed to maintain the accuracy of this circuit.
10k 100k
10nV 1 10 100 1k FREQUENCY - Hz
Figure 46. Voltage Noise Spectral Density of the Circuit of Figure 45 With and Without an Output Filter
10pF RG 10k Rf 108 Ri 1.1k
The slope of the pH probe transfer function, 50 mV per pH unit at room temperature, has a +3300 ppm/C temperature coefficient. The buffer of Figure 48 provides an output voltage equal to 1 volt/pH unit. Temperature compensation is provided by resistor RT which is a special temperature compensation resistor, part number Q81, 1 k, 1%, +3500 ppm/C, available from Tel Labs Inc.
V OS ADJUST 100k +VS 0.1F COM -VS 0.1F -V S 4 5 OUTPUT 6 7 8 +VS 19.6k 1VOLT/pH UNIT -15V +15V
VOUT
AD795
PHOTODIODE
VOUT RG = I D Rf (1+ ) Ri
PH PROBE
GUARD 3
1
AD795
2
Figure 47. A Photodiode Preamp Employing a "T" Network for Added Gain
Using a "T" Network
A "T" network, shown in Figure 47, can be used to boost the effective transimpedance of an I-to-V converter, for a given feedback resistor value. However, amplifier noise and offset
RT 1k +3500ppm/ C
Figure 48. A pH Probe Amplifier
-14-
REV. A
AD795
LOW NOISE OP AMPS
(VN 10 nV/Hz @ 1 kHz)
Low VN
(IN 10 fA/Hz @ 1 kHz)
Low IN
Audio Amplifiers OP275 SSM2015 SSM2016 SSM2017 SSM2134 SSM2139
Fast (SR 45 V/s) OP61 Faster (SR 230 V/s) AD5539 AD829 AD840 AD844 AD846 AD848 AD849
Precision AD OP27 OP27 AD OP37 OP37 OP227 (Dual) OP270 (Dual) OP271 (Dual) OP470 (Quad) OP471 (Quad) High Output Current OP50
FET Input AD645 AD743 AD795 Fast AD745
Low Power AD548 AD648 OP80 Faster (SR 8 V/s) OP282 (Dual) OP482 (Quad)
Fast AD711 AD712 (Dual) OP249 (Dual) AD713 (Quad) Faster AD744 OP42 OP44 AD746 (Dual)
Low VN AD645 AD795 Lower VN AD743 Faster AD745
Electrometer Low Power OP80 General Purpose AD546 Lowest IB 60 fA Max AD549
Ultrafast (SR 1000 V/s) AD811 AD844 AD9610 AD9617 AD9618
Low Noise Op Amp Selection Tree
REV. A
-15-
AD795
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Plastic Mini-DIP (N) Package
8 PIN 1 1
5 0.25 (6.35) 4 0.30 (7.62) REF 0.0350.01 (0.890.25) 0.31 (7.87)
0.39 (9.91) MAX
0.1650.01 (4.190.25)
0.125 (3.18) MIN 0.0180.003 (0.460.08) 0.10 (2.54) BSC 0.033 (0.84) NOM
0.180.03 (4.570.76)
0.0110.003 (0.280.08) 15 0
SEATING PLANE
8-Pin SOIC (R) Package
0.150 (3.81)
8 0.244 (6.20) 0.228 (5.79) PIN 1 1
5 0.157 (3.99) 0.150 (3.81) 4
0.197 (5.01) 0.189 (4.80) 0.010 (0.25) 0.004 (0.10) 0.050 (1.27) BSC 0.102 (2.59) 0.094 (2.39) 0.019 (0.48) 0.014 (0.36)
0.020 (0.051) x 45 CHAMF 0.190 (4.82) 0.170 (4.32) 8 0 10 0
0.090 (2.29)
0.098 (0.2482) 0.075 (0.1905)
0.030 (0.76) 0.018 (0.46)
All brand or product names mentioned are trademarks or registered trademarks of their respective holders.
-16-
REV. A
PRINTED IN U.S.A.
C1712-24-10/92


▲Up To Search▲   

 
Price & Availability of AD795JN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X